![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
1N18 - SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere - Rectron Semiconductor |
|
Click Here View 1N18 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| UFM301 | SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 200 Volts CURRENT 3.0 Amperes | Rectron Semiconductor |
| SB10150CT | 10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| B170_1 | 1.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| MBR2070CT_1 | 20A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| B370_1 | 3.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| B270_1 | 2.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| CHN217UPT | SURFACE MOUNT SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere | ETC |
| SD930_1 | HIGH CURRENT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| MBR1070CT_1 | 10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| PDS5100H_1 | 5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
Link URL |
|
|
Related keyword |
| 1N18 Datasheet | 1N18 Cross Reference | 1N18 Schematic | 1N18 Distributor | 1N18 Datenblatt | 1N18 RoHS |
| 1N18 Equivalent | 1N18 Application Notes | 1N18 Data Sheet | 1N18 component | 1N18 Fiche Technique | 1N18 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |