|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MA46410_1 - GaAs Hyperabrupt Varactor Diode Gamma= 1.0, 1.25 & 1.50 - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA4ST2000 | Ultra High Ratio Si Hyperabrupt Varactor Diode | 1 2 3 4 5 | Tyco Electronics |
| MA4ST1103-1141T | High Tuning Ratio Silicon Hyperabrupt Varactor Diode | 1 2 3 | Tyco Electronics |
| MA4ST1200 | Low Tuning Voltage/Low Rs Silicon Hyperabrupt Varactor Diode | 1 2 3 4 5 | Tyco Electronics |
| MA46H146 | GaAs Flip-Chip Multiplier Varactor Diode | 1 2 3 | Tyco Electronics |
| MA4ST1300 | Low Voltage/Low Rs Silicon Hyperabrupt Varactor Diode | 1 2 3 4 5 | Tyco Electronics |
| SHF-0289 | 0.05 - 6 GHz 1.0 Watt GaAs HFET | 1 2 3 4 | SIRENZA MICRODEVICES |
| NX5312_06 | 1 310 nm FOR 156 Mb/s 622 Mb/s 1.25 Gb/s InGaAsP MQW-FP LASER DIODE | 1 2 3 4 5 More | California Eastern Labs |
| MA4GC6773 | 77 GHz GaAs SP2T PIN Diode Switch | 1 2 3 | Tyco Electronics |
| MA4GC6774 | 77 GHz GaAs SP3T PIN Diode Switch | 1 2 3 | Tyco Electronics |
| MA45400 | Si Abrupt Tuning Varactor Diode | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|