|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MA02206GJ - 3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZFM-4212 | Level 7 LO Power +7 dBm 2000 to 4200 MHz | 1 2 | Mini-Circuits |
| A32_1 | Cascadable Amplifier 100 to 2000 MHz | 1 2 | Tyco Electronics |
| SPA-1318 | 2150 MHz 1 Watt Power Amplifier with Active Bias | 1 2 3 4 5 | SIRENZA MICRODEVICES |
| SXA-3318B | 400-2500 MHz Balanced 1/4 W Medium Power GaAs HBT Amplifier with Active Bias | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| ZVE-8G | 50⦠Medium High Power 2000 to 8000 MHz | 1 2 | Mini-Circuits |
| A33 | Cascadable Amplifier 10 to 2000 MHz | 1 2 | Tyco Electronics |
| RMPA2265 | Dual Band WCDMA Power Amplifier Module 1850 to 1910 MHz and 1920 to 1980 MHz | 1 2 3 4 5 More | Fairchild Semiconductor |
| SPA-2118 | 850 MHz 1 Watt Power Amplifier with Active Bias | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| SXB-2089Z | 5-2500 MHz Medium Power InGaP/GaAs HBT Amplifier | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| A34_1 | Cascadable Amplifier 100 to 2000 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|