|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MA4GC6773 - 77 GHz GaAs SP2T PIN Diode Switch - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA4GC6772 | 77 GHz GaAs Multi-Throw PIN Diode Switch | 1 2 3 | Tyco Electronics |
| MA4AGSW2 | AlGaAs SP2T PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| MA4AGSW3 | AlGaAs SP3T PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| MA4AGSW5 | AlGaAs SP5T Reflective PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| SW-106 | High Power GaAs SPDT Switch DC - 3 GHz | 1 2 3 | Tyco Electronics |
| MA4AGSW1 | AlGaAs SPST Reflective PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| MASWSS0029 | GaAs SPDT 2.8 V High Power Switch DC - 3.0 GHz | 1 2 3 | Tyco Electronics |
| MASWSS0117 | GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|