|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MMBZ5221B - 350mW SURFACE MOUNT ZENER DIODE - Won-Top Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BZX84C2V4_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| MMBZ5221B_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 | Diodes Incorporated |
| BZX84C43_1 | 350mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| BZT52C2V0S_1 | SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| QZX363C5V6_1 | QUAD SURFACE MOUNT ZENER DIODE ARRAY | 1 2 3 | Diodes Incorporated |
| DDZ5V1BS | SURFACE MOUNT PRECISION ZENER DIODE | 1 2 3 4 5 More | Diodes Incorporated |
| BZX84C2V4T_1 | 150mW SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| DDZX5V1BTS_1 | TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY | 1 2 3 4 5 More | Diodes Incorporated |
| BZT52C43_1 | SURFACE MOUNT ZENER DIODE | 1 2 3 | Diodes Incorporated |
| BZX84C2V4W | 200mW SURFACE MOUNT ZENER DIODE | 1 2 3 4 5 | Won-Top Electronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|