![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2MBI200S-120 - 1200V / 200A 2 in one-package - ETC |
|
Click Here View 2MBI200S-120 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| 2MBI300UD-120 | 1200V / 300A 2 in one-package IGBT Module U-Series | ETC |
| 2MBI100SC-120 | 1200V / 100A 2 in one-package | Fuji Electric |
| 1MBI400S-120 | 1200V / 400A 1 in one-package IGBT Module | Fuji Electric |
| 7MBR25NF120 | 1200V / 25A / PIM | Fuji Electric |
| FGL40N120AN_06 | 1200V NPT IGBT | Fairchild Semiconductor |
| STGW30NC120HD_07 | N-channel 1200V - 30A - TO-247 Very fast PowerMESH TM IGBT | STMicroelectronics |
| HGTG27N120BN_04 | 72A 1200V NPT Series N-Channel IGBT | Fairchild Semiconductor |
| FGA15N120ANTD_1 | 1200V NPT Trench IGBT | Fairchild Semiconductor |
| FGL40N120AND_06 | 1200V NPT IGBT | Fairchild Semiconductor |
| RURD4120 | 4A 1200V Ultrafast Diodes | Fairchild Semiconductor |
Link URL |
|
|
Related keyword |
| 2MBI200S-120 Datasheet | 2MBI200S-120 Cross Reference | 2MBI200S-120 Schematic | 2MBI200S-120 Distributor | 2MBI200S-120 Datenblatt | 2MBI200S-120 RoHS |
| 2MBI200S-120 Equivalent | 2MBI200S-120 Application Notes | 2MBI200S-120 Data Sheet | 2MBI200S-120 component | 2MBI200S-120 Fiche Technique | 2MBI200S-120 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |