Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCS08 Datasheet (PDF) - Motorola, Inc

HCS08 Datasheet PDF - Motorola, Inc
Part # HCS08
Download  HCS08 Download

File Size   4070.8 Kbytes
Page   290 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

HCS08 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS08 Datasheet PDF - Motorola, Inc

Part # HCS08
Download  HCS08 Click to download

File Size   4070.8 Kbytes
Page   290 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

HCS08 Datasheet (HTML) - Motorola, Inc

Back Button HCS08 Datasheet HTML 1Page - Motorola, Inc HCS08 Datasheet HTML 2Page - Motorola, Inc HCS08 Datasheet HTML 3Page - Motorola, Inc HCS08 Datasheet HTML 4Page - Motorola, Inc HCS08 Datasheet HTML 5Page - Motorola, Inc HCS08 Datasheet HTML 6Page - Motorola, Inc HCS08 Datasheet HTML 7Page - Motorola, Inc HCS08 Datasheet HTML 8Page - Motorola, Inc HCS08 Datasheet HTML 9Page - Motorola, Inc HCS08 Datasheet HTML 10Page - Motorola, Inc Next Button 

HCS08 Product details

Overview
The MC9S08GB/GT are members of the low-cost, high-performance HCS08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the enhanced HCS08 core and are available with a variety of modules, memory sizes, memory types, and package types.

Features
Features have been organized to reflect:
• Standard features of the HCS08 Family
• Features of the MC9S08GB/GT MCU

Standard Features of the HCS08 Family
• 40-MHz HCS08 CPU (central processor unit)
• HC08 instruction set with added BGND instruction
• Background debugging system (see also the Development Support section)
• Breakpoint capability to allow single breakpoint setting during in-circuit debugging (plus two more breakpoints in on-chip debug module)
• Debug module containing two comparators and nine trigger modes. Eight deep FIFO for storing change-of-flow addresses and event-only data. Debug module supports both tag and force breakpoints.
• Support for up to 32 interrupt/reset sources
• Power-saving modes: wait plus three stops
• System protection features:
   – Optional computer operating properly (COP) reset
   – Low-voltage detection with reset or interrupt
   – Illegal opcode detection with reset
   – Illegal address detection with reset (some devices don’t have illegal addresses)

Features of MC9S08GB/GT Series of MCUs
• On-chip in-circuit programmable FLASH memory with block protection and security options (see Table 1-1 for device specific information)
• On-chip random-access memory (RAM) (see Table 1-1 for device specific information)
• 8-channel, 10-bit analog-to-digital converter (ATD)
• Two serial communications interface modules (SCI)
• Serial peripheral interface module (SPI)
• Clock source options include crystal, resonator, external clock or internally generated clock with precision NVM trimming
• Inter-integrated circuit bus module to operate up to 100 kbps (IIC)
• One 3-channel and one 5-channel 16-bit timer/pulse width modulator (TPM) modules with selectable input capture, output compare, and edge-aligned PWM capability on each channel. Each timer module may be configured for buffered, centered PWM (CPWM) on all channels (TPMx).
• 8-pin keyboard interrupt module (KBI)
• 16 high-current pins (limited by package dissipation)
• Software selectable pullups on ports when used as input. Selection is on an individual port bit basis. During output mode, pullups are disengaged.
• Internal pullup on RESET and IRQ pin to reduce customer system cost
• 56 general-purpose input/output (I/O) pins, depending on package selection
• 64-pin low-profile quad flat package (LQFP) — MC9S08GBxx
• 44-pin quad flat package (QFP) — MC9S08GTxx
• 42-pin shrink dual in-line package (SDIP) — MC9S08GTxx




Similar Part No. - HCS08

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCS08 INTERSIL-HCS08 Datasheet
126Kb / 8P
   Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
NXP Semiconductors
HCS08 NXP-HCS08 Datasheet
2Mb / 374P
   HCS08 Microcontrollers
Revision 5, 10/2014
HCS08 NXP-HCS08 Datasheet
4Mb / 316P
   Microcontrollers
Rev. 8 1/2014
logo
JL World Company Limite...
HCS0803D JLWORLD-HCS0803D Datasheet
68Kb / 1P
   Electro-Magnetic Sound Generators
HCS0803D JLWORLD-HCS0803D Datasheet
426Kb / 1P
   Value applying Rated Voltage
More results


Similar Description - HCS08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com