|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BLB101SURC/E-6V - 10mm BAYONET BASED LED LAMP - Kingbright Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BLB101MGC-6V-P | 10mm BAYONET BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| BLB101MGC-12V-P | 10mm BAYONET BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| BLB101MGC-28V-P | 10mm BAYONET BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| BLB101SURC-E12V | 10mm BAYONET BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| BLB101SURC-E28V | 10mm BAYONET BASED LED LAMP | 1 2 3 | Kingbright Corporation |
| APHS1005SECK | 1.0X0.5mm SMD CHIP LED LAMP | 1 2 3 4 | Kingbright Corporation |
| APA1606SURCK | 1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| APA2106SYCK | 2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| APA3010SYC | 3.0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
| APTD3216CGCK | 3.2 x 1.6mm SMD CHIP LED LAMP | 1 2 3 4 5 | Kingbright Corporation |
Datasheet Page |
1 2 3 |
Link URL |
|
|