|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MA4AGSW2 - AlGaAs SP2T PIN Diode Switch - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MA4AGSW1A | AlGaAs SPST Non-Reflective PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| MA4AGSW3 | AlGaAs SP3T PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| MA4AGSW5 | AlGaAs SP5T Reflective PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| MA4AGSW1 | AlGaAs SPST Reflective PIN Diode Switch | 1 2 3 4 5 More | Tyco Electronics |
| MA4AGBLP912 | AlGaAs Beam Lead PIN Diode | 1 2 3 4 5 | Tyco Electronics |
| MA4AGFCP910 | AlGaAs Flip-Chip PIN Diode 100MHz to 50GHz | 1 2 3 4 5 More | Tyco Electronics |
| MA4AGP907 | AlGaAs Flip-Chip PIN Diode | 1 2 3 4 5 | Tyco Electronics |
| MA4AGSBP907 | AlGaAs Solder Bump Flip-Chip PIN Diode | 1 2 3 4 5 | Tyco Electronics |
| NJL6201R-1 | HIGH SPEED PIN PHOTO DIODE | 1 2 3 4 5 More | New Japan Radio |
| ZSDR-425 | 50ohm SP4T Pin Diode TTL Driver 10 to 2500 MHz | 1 | Mini-Circuits |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|