Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      P16-(1)    P16/(3)    P160(181)    P168(9)    P169(31)    P16B(6)    P16F(4)    P16M(1)    P16N(15)    P16V(1)    P16W(12)

Featured Products and Offers


Datasheet

    P160 - 16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available - Bi technologies

Page

Part No. P160
Description  16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi - Ganged available
Download  P160 Click to view
File Size   284.95 Kbytes / 4 Pages
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
P27027mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant 1 2 3 Bi technologies
P23124mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant 1 2 3 List of Unclassifed Manufacturers
EN1212mm Rotary Encoder 2 Bits Gray Code Incremental/Contacting Type Metal Bushing/Plastic Shaft Push-on Switch Option RoHS Compliant 1 2 3 Bi technologies
M25FG2 500 V - 16 000 V Rectifiers 10 mA - 100 mA Forward Current 200 ns Recovery Time 1 2 Voltage Multipliers Inc.
M25UFG2 500 V - 16 000 V Rectifiers 10 mA - 100 mA Forward Current 100 ns Recovery Time 1 2 Voltage Multipliers Inc.
WI1016Round Rotary Potentiometer 1 Sharma Electro Components,Inc
MJE243_06Complementary Silicon Power Plastic Transistors 100 VOLTS 15 WATTS 1 2 3 4 5 MoreON Semiconductor
72747/8 Diameter Plastic 10-Turn Wirewound Precision Potentiometer 1 2 3 4 List of Unclassifed Manufacturers
X25FG2 500 V - 10 000 V Rectifiers 100 mA - 250 mA Forward Current 200 ns Recovery Time 1 2 Voltage Multipliers Inc.
X25UFG2 500 V - 10 000 V Rectifiers 100 mA - 250 mA Forward Current 100 ns Recovery Time 1 2 Voltage Multipliers Inc.

Datasheet Page

1 2 3 4


Link URL

Related keyword

  P160 Datasheet   P160 Cross Reference   P160 Schematic   P160 Distributor   P160 Datenblatt   P160 RoHS
  P160 Equivalent   P160 Application Notes   P160 Data Sheet   P160 component   P160 Fiche Technique   P160 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl