|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CH-140_1 - 20dB, Bi-Directional Couplers, 1 - 5000 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH-132 | 20dB Bi-Directional Coupler 1-1000 MHz | 1 2 | Tyco Electronics |
| CH-134_1 | Bi-Directional Couplers 10 - 500 MHz | 1 2 3 | Tyco Electronics |
| CH-137 | 19.5dB Bi-Directional Couplers 0.5 - 400 MHz | 1 2 3 | Tyco Electronics |
| CH-138_1 | 11dB Bi-Directional Couplers 10 - 500 MHz | 1 2 | Tyco Electronics |
| CH20-0032-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz | 1 2 | Tyco Electronics |
| CH20-0033-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 1700-2000 MHz | 1 2 | Tyco Electronics |
| FIN24C_06 | uSerDesâ¢Low-Voltage 24-Bit Bi-Directional Serializer/Deserializer | 1 2 3 4 5 More | Fairchild Semiconductor |
| IS41LV32256 | 256K x 32 8-Mbit EDO DYNAMIC RAM 3.3V 100/83/66 MHz | 1 2 3 4 5 More | Integrated Silicon Solution, Inc |
| NCS2500 | 1.1 mA 200 MHz Current Feedback Op Amp | 1 2 3 4 5 More | ON Semiconductor |
| EP7312-90 | New ARM720T 90 MHz Embedded Processor Allows Faster than Real-Time Recording | Coming Soon | Cirrus Logic |
Datasheet Page |
1 2 |
Link URL |
|
|