|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CH-137 - 19.5dB Bi-Directional Couplers, 0.5 - 400 MHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH-134_1 | Bi-Directional Couplers 10 - 500 MHz | 1 2 3 | Tyco Electronics |
| 0405-1000M | 1000 Watts - 40 Volts 300us 10% UHF Pulsed Radar 400 - 450 MHz | 1 2 3 4 | Microsemi Corporation |
| ZX05-1 | Level 7 LO Power +7 dBm 0.5 to 500 MHz | 1 2 | Mini-Circuits |
| ADL5521 | 400 MHz - 4 GHz Low Noise Amplifier | 1 2 3 4 5 More | Analog Devices |
| A87-1_1 | Cascadable Amplifier 10 to 400 MHz | 1 2 | Tyco Electronics |
| A411_1 | Cascadable Amplifier 10 to 400 MHz | 1 2 | Tyco Electronics |
| AM55-0024_1 | High Dynamic Range 2 Channel IF Amplifier with Power Control 100 - 400 MHz | 1 2 3 4 | Tyco Electronics |
| HMC585MS8G | HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| CH20-0032-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 824-960 MHz | 1 2 | Tyco Electronics |
| CH20-0033-17G_1 | Low Cost SMT 17dB Bi-Directional Coupler 1700-2000 MHz | 1 2 | Tyco Electronics |
Datasheet Page |
1 2 3 |
Link URL |
|
|