|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AT20-0106-TR - Digital Attenuator 50.0dB, 6-Bit, TTL Driver, DC-2.0 GHz - Tyco Electronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HMC110G16 | 1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR DC - 2.0 GHz | 1 2 3 4 | Hittite Microwave Corporation |
| LMH6555 | Low Distortion 1.2 GHz Differential Driver | Coming Soon | National Semiconductor |
| MC10H643_06 | Dual Supply ECL to TTL 1:8 Clock Driver | 1 2 3 4 5 More | ON Semiconductor |
| HMC-C038 | WIDEBAND DRIVER AMPLIFIER MODULE 2 - 35 GHz | 1 2 3 4 5 More | Hittite Microwave Corporation |
| ZSDR-425 | 50ohm SP4T Pin Diode TTL Driver 10 to 2500 MHz | 1 | Mini-Circuits |
| MC10H644_06 | 68030/040 PECL to TTL Clock Driver | 1 2 3 4 5 More | ON Semiconductor |
| MC10H645_06 | 1:9 TTL Clock Driver | 1 2 3 4 5 More | ON Semiconductor |
| ISL97632_07 | White LED Driver with Digital Dimming | 1 2 3 4 5 More | Intersil Corporation |
| XS1000_0610 | 7.0-13.0 GHz GaAs MMIC 6-Bit Phase Shifter | 1 2 3 4 5 More | Mimix Broadband |
| CMM0511-QT | 5.0-14.0 GHz GaAs MMIC Packaged Driver Amplifier | 1 2 3 4 5 More | Mimix Broadband |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|