|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PHN405 - 4 N-channel 60 mohm FET array enhancement mode MOS transistors - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PHN708 | 7 N-channel 80 mohm FET array enhancement mode MOS transistors | 1 2 3 4 5 More | NXP Semiconductors |
| STH8N80 | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| MTH40N06 | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| IRF840FI | N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
| 4AK26 | Silicon N-Channel Power MOS FET Array | 1 2 3 4 5 More | Hitachi Semiconductor |
| 4AM11 | Silicon N-Channel/P-Channel Power MOS FET Array | 1 2 3 4 5 More | Hitachi Semiconductor |
| 4AM13 | Silicon N-Channel/P-Channel Power MOS FET Array | 1 2 3 4 5 More | Hitachi Semiconductor |
| BSH106 | N-channel enhancement mode MOS transistor | 1 2 3 4 5 More | NXP Semiconductors |
| BSN304 | N-channel enhancement mode vertical D-MOS transistors | 1 2 3 4 5 More | NXP Semiconductors |
| STP6N25 | N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|