![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
242073NS - 5-Pin Gas Discharge Tube (GDT) Protector - Bourns Electronic Solutions |
|
Click Here View 242073NS Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| BQ2011_05 | Gas Gauge IC for High Discharge Rates | Texas Instruments |
| PJLC1V5 | LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS | Pan Jit International Inc. |
| CS5253B-1 | 3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications | ON Semiconductor |
| B1101UA4 | Battrax Quad Negative SLIC Protector | ETC |
| MAX1666A | Advanced Lithium-Ion Battery-Pack Protector | Maxim Integrated Products |
| 2SC5865 | Transistors High voltage discharge High speed switching Low Noise 60V 1A | Rohm |
| NUP2105L_05 | Dual Line CAN Bus Protector | ON Semiconductor |
| 2SA2073 | High voltage discharge High speed switching Low Noise −60V −3A | Rohm |
| 420E212 | DUAL 4-20mA CONTROL LOOP PROTECTOR | Protek Devices |
| 2SA2072 | High voltage discharge High speed switching Low Noise −60V −3A | Rohm |
Link URL |
|
|
Related keyword |
| 242073NS Datasheet | 242073NS Cross Reference | 242073NS Schematic | 242073NS Distributor | 242073NS Datenblatt | 242073NS RoHS |
| 242073NS Equivalent | 242073NS Application Notes | 242073NS Data Sheet | 242073NS component | 242073NS Fiche Technique | 242073NS Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |