|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC-7893-AZ - 1 GHz CATV 22 dB POWER DOUBLER AMPLIFIER - California Eastern Labs |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC-7894 | 1 GHz CATV 24 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 | California Eastern Labs |
| MC-7866 | CATV 22 dB POWER DOUBLER AMPLIFIER | 1 2 | California Eastern Labs |
| XX1001-BD | 18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier | 1 2 3 4 5 More | Mimix Broadband |
| MC-7866G | CATV 22 dB POWER DOUBLER AMPLIFIER | 1 2 | California Eastern Labs |
| XX1001-QK | 18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier QFN 7x7mm | 1 2 3 4 5 | Mimix Broadband |
| MC-7842 | HIGH GAIN CATV POWER DOUBLER AMPLIFIER | 1 2 | California Eastern Labs |
| MC-7845_06 | 870 MHz CATV 18 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7883 | 870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7846 | 870 MHz CATV 22 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| MC-7847 | 870 MHz CATV 25 dB POWER DOUBLER AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|