|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPC2762TB - 3 V, SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER - California Eastern Labs |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPC2771TB | 3V SUPER MINIMOLD MEDIUM POWER SI MMIC AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| UPC2791TB | 5 V SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER | 1 2 3 4 | California Eastern Labs |
| 2SC5752 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 60 mW 4-PIN SUPER MINIMOLD | 1 2 3 4 5 More | NEC |
| UPC2762T | 3 V WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER | 1 2 3 4 5 More | NEC |
| UPC2711TB | 5 V SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER | 1 2 3 4 5 More | California Eastern Labs |
| 2SC5754 | NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION 0.4 W FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD M04 | 1 2 3 4 5 More | NEC |
| TMD1013-1 | MICROWAVE POWER MMIC AMPLIFIER | 1 2 3 | Toshiba Semiconductor |
| XP1027-BD | 27.0-33.0 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
| FMA3011 | 12.7-16GHZ MMIC POWER AMPLIFIER | 1 2 3 4 5 More | Filtronic Compound Semiconductors |
| XP1028-BD | 43.5-46.5 GHz GaAs MMIC Power Amplifier | 1 2 3 4 5 | Mimix Broadband |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|