Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBG840-G Datasheet (PDF) - Comchip Technology

CDBG840-G Datasheet PDF - Comchip Technology
Part # CDBG840-G
Download  CDBG840-G Download

File Size   61.59 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Barrier Diode

CDBG840-G Datasheet (PDF)

Go To PDF Page Download Datasheet
CDBG840-G Datasheet PDF - Comchip Technology

Part # CDBG840-G
Download  CDBG840-G Click to download

File Size   61.59 Kbytes
Page   2 Pages
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description SMD Schottky Barrier Diode

CDBG840-G Datasheet (HTML) - Comchip Technology

CDBG840-G Datasheet HTML 1Page - Comchip Technology CDBG840-G Datasheet HTML 2Page - Comchip Technology

CDBG840-G Product details

Reverse Voltage: 20 ~ 60 Volts
Forward Current: 8 A

Features:
• Plastic package has Underwriters Laboratory
   Flammability Classification 94V-O Utilizing Flame
   Retardant Epoxy Molding Compound.
• For surface mounted applications.
• Exceeds enviromental standards of MIL-S-19500/228
• Low leakage current

Mechanical Data:
• Case: Molded plastic, G package (6.9mmx4.5mm)
• Terminals: Solder plated, solderable per MIL-STD-750, method 2026.
• Polarity: Indicated by cathode band
• Mounting position: Any
• Approx. Weight: 0.00585 ounce, 0.195 gram




Similar Part No. - CDBG840-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBGBSC101200-G COMCHIP-CDBGBSC101200-G Datasheet
74Kb / 2P
   Dual Silicon Carbide Power Schottky Diode
CDBGBSC201200-G COMCHIP-CDBGBSC201200-G Datasheet
75Kb / 2P
   Dual Silicon Carbide Power Schottky Diode
CDBGBSC20650-G COMCHIP-CDBGBSC20650-G Datasheet
76Kb / 2P
   Dual Silicon Carbide Power Schottky Diode
More results


Similar Description - CDBG840-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0130L-HF COMCHIP-CDBFR0130L-HF Datasheet
130Kb / 4P
   SMD Schottky Barrier Diode
More results




About Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com