|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD9910 - 1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD9912 | 1 GSPS Direct Digital Synthesizer w/ 14-bit DAC | 1 2 3 | Analog Devices |
| PS2500 | Low-Power Direct Digital Modulation Frequency Synthesizer | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| HSP45314_01 | CommLinkTM Direct Digital Synthesizer | 1 2 3 4 5 More | Intersil Corporation |
| ISL5314_05 | Direct Digital Synthesizer | 1 2 3 4 5 More | Intersil Corporation |
| VCC4 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| LC7120 | CMOS LSI 27MHz CB TRANSCEIVER PLL FREQUENCY SYNTHESIZER | 1 2 3 | Sanyo Semicon Device |
| ZXCW8100S28 | 32 BIT STEREO DIRECT DRIVE DIGITAL AUDIO AMPLIFIER | 1 2 3 4 5 More | Zetex Semiconductors |
| SI3016 | 3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT | 1 2 3 4 5 More | Silicon Laboratories |
| CDCDLP223_07 | 3.3 V Clock Synthesizer for DLP Systems | 1 2 3 4 5 More | Texas Instruments |
| TC74AC166P | TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC | 1 2 3 4 5 More | Toshiba Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 |
Link URL |
|
|