|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MHO+14TFD-R - 14 pin DIP, 5.0 Volt, HCMOS/TTL, Clock Oscillator - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M3H_0611 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| MA11FAA | 14 pin DIP 5.0 Volt ACMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| ME11XAA | 14 pin DIP 5.0 Volt ECL PECL Clock Oscillator | 1 | MTRONPTI |
| K500_07 | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K3100G_07 | 14 pin DIP 5.0 Volt Clock Oscillator | 1 2 | MTRONPTI |
| K500F | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| K1100BA_07 | 14 pin DIP 5.0 Volt Clock Oscillator | 1 2 | MTRONPTI |
| M3E_0611 | 14 pin DIP 3.3 Volt ECL/PECL Clock Oscillator | 1 | MTRONPTI |
| M3EH_0611 | 8 pin DIP 3.3 Volt ECL/PECL Clock Oscillator | 1 | MTRONPTI |
| MEH_06 | 8 pin DIP 5.0 Volt ECL PECL Clock Oscillators | 1 2 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|