|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MGFC42V3436 - 3.4 - 3.6GHz BAND 16W INTERNALLY MATCHED GaAs FET - Mitsubishi Electric Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MGFC36V3436_04 | 3.4 ~ 3.6GHz BAND 4W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC39V3436_04 | 3.4 ~ 3.6GHz BAND 8W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC36V6472A_04 | 6.4 ~ 7.2GHz BAND 4W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC40V6472_04 | 6.4 - 7.2GHz BAND 10W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC41V3642_04 | 3.6 - 4.2GHz BAND 12W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC36V7785A_04 | 7.7 ~ 8.5GHz BAND 4W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC41V5964_04 | 5.9 - 6.4GHz BAND 12W INTERNALLY MATCHED GaAs FET | 1 2 3 | Mitsubishi Electric Semiconductor |
| MGFC38V5964_97 | 5.9 - 6.4GHz BAND 6W INTERNALLY MATCHED GaAs FET | 1 2 3 | Mitsubishi Electric Semiconductor |
| MGFC41V6472 | 6.4 ~ 7.2GHz BAND 12W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|