|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DDU5J - 10 Taps (32pins DIP) T2lL Interfaced - Data Delay Devices, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MOC3010M_05 | 6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK | 1 2 3 4 5 More | Fairchild Semiconductor |
| K1602TE_07 | 14 pin DIP 5.0 Volt CMOS/TTL TCVCXO | 1 2 | MTRONPTI |
| XO5160_07 | 14 pin DIP 5.0 Volt HCMOS/TTL OCXO | 1 2 | MTRONPTI |
| OCP-PCP116 | SIX PIN DIP SINGLE CHANNEL PHOTO IC PHOTOCOUPLER | 1 | List of Unclassifed Manufacturers |
| MOC3081M_05 | 6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT 800 VOLT PEAK | 1 2 3 4 5 More | Fairchild Semiconductor |
| K1603T_06 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| PS21244-EP | Generation DIP and Mini-DIP-IPM | 1 2 | Mitsubishi Electric Semiconductor |
| PS7141-1A | 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET | 1 2 3 4 5 More | California Eastern Labs |
| K500_07 | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K1603TE_06 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|