|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3D3225M-2 - MONOLITHIC 5-TAP FIXED DELAY LINE - Data Delay Devices, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 3D3220_06 | MONOLITHIC 10-TAP FIXED DELAY LINE | 1 2 3 4 | Data Delay Devices, Inc. |
| SY55856U | 2.5V/3.3V 2.5GHz DIFFERENTIAL 2-CHANNEL PRECISION CML DELAY LINE | 1 2 3 4 5 More | Micrel Semiconductor |
| ISL1532A | Dual Channel Fixed Gain Differential DSL Line Driver | 1 2 | Intersil Corporation |
| ISL1534 | Dual Channel Fixed Gain Differential DSL Line Driver | 1 2 | Intersil Corporation |
| EL9115_06 | Triple Analog Video Delay Line | 1 2 3 4 5 More | Intersil Corporation |
| MC44140 | Chroma Delay Line HCMOS Technology | 1 2 3 4 5 More | Motorola, Inc |
| TPA5051_07 | FOUR CHANNEL DIGITAL AUDIO LIP-SYNC DELAY WITH I2C CONTROL | 1 2 3 4 5 More | Texas Instruments |
| NCV8506_07 | Micropower 400 mA LDO Linear Regulators with DELAY and RESET | 1 2 3 4 5 More | ON Semiconductor |
| CS5253B-8_05 | 3.0 A LDO 5−Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications | 1 2 3 4 5 More | ON Semiconductor |
| D52U | Fixed Inductors for Surface Mounting | 1 | TOKO, Inc |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|