|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
B81130_04 - EMI suppression capacitors (MKP) X2 / 275 VAC - EPCOS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| B81122 | EMI suppression capacitors MKP Y2 / 250 VAC | 1 2 3 4 5 More | EPCOS |
| MKP3382X2 | Interference Suppression Film Capacitors MKP Radial Potted Type | 1 2 3 4 5 More | Vishay Siliconix |
| MKP479 | AC and Pulse Polypropylene Film Capacitors MKP Radial Epoxy Lacquered Type | 1 2 3 4 5 More | Vishay Siliconix |
| NFL18ST | On-Board Type DC EMI Suppression Filters EMIFIL | 1 2 3 | Murata Manufacturing Co., Ltd. |
| C09E | EMI Suppression Filters for AC Power Lines | 1 2 3 4 5 More | Murata Manufacturing Co., Ltd. |
| NFM18C | On-Board Type DC EMI Suppression Filters EMIFIL | 1 2 3 4 | Murata Manufacturing Co., Ltd. |
| MKTD06 | Film Capacitors | 1 2 | Sharma Electro Components,Inc |
| 594D | Solid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated Maximum CV Low ESR | 1 2 3 4 5 More | Vishay Siliconix |
| B37872U5222S011 | Multilayer Ceramic Capacitors | 1 2 3 4 5 More | EPCOS |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|