|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BYY54-1000 - 25A Silicon Power Rectifier Diode - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BYP53 | 25A Silicon Power Rectifier Diode | 1 2 3 4 5 | Zetex Semiconductors |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| BYP57 | 35A Silicon Power Rectifier Diode | 1 2 3 4 5 | Zetex Semiconductors |
| 1N6774 | ULTRAFAST SILICON POWER RECTIFIER | 1 | Microsemi Corporation |
| LT051PS | High Power Red Laser Diode for DVD-R/DVD-RW Drive 635nm-30mW | 1 2 3 | Sharp Electrionic Components |
| HVU145 | Silicon Epitaxial Planar Pin Diode for Antenna Switching | 1 2 3 4 5 More | Renesas Technology Corp |
| MMBV609LT1_06 | Silicon Tuning Diode | 1 2 3 | ON Semiconductor |
| APT2X61D40J_05 | ULTRAFAST SOFT RECOVERY RECTIFIER DIODE | 1 2 3 4 | Advanced Power Technology |
| APT8DQ60K3CT | ULTRAFAST SOFT RECOVERY RECTIFIER DIODE | 1 2 3 4 | Microsemi Corporation |
| APT30D60BHB_05 | ULTRAFAST SOFT RECOVERY RECTIFIER DIODE | 1 2 3 4 | Advanced Power Technology |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|