![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
B40C1000_06 - 1.0A SINGLE-PHASE BRIDGE RECTIFIER - Won-Top Electronics |
|
Click Here View B40C1000_06 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| DBA30 | 3A Single-Phase Bridge Rectifier | Sanyo Semicon Device |
| GBU8A_06 | 8.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | Won-Top Electronics |
| DF005S_1 | 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| PR1001G_1 | 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER | Diodes Incorporated |
| 1N5819HW_1 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| GBPC25005_1 | 25A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| PBPC301_1 | 3.0A BRIDGE RECTIFIER | Diodes Incorporated |
| 1N4933G_1 | 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER | Diodes Incorporated |
| B130LAW_1 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Diodes Incorporated |
| GBPC35005_1 | 35A GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
Link URL |
|
|
Related keyword |
| B40C1000_06 Datasheet | B40C1000_06 Cross Reference | B40C1000_06 Schematic | B40C1000_06 Distributor | B40C1000_06 Datenblatt | B40C1000_06 RoHS |
| B40C1000_06 Equivalent | B40C1000_06 Application Notes | B40C1000_06 Data Sheet | B40C1000_06 component | B40C1000_06 Fiche Technique | B40C1000_06 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |