![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
ADC14DS080 - Dual 14-Bit, 65/80/95/105 MSPS A/D Converter with Serial LVDS Outputs - National Semiconductor |
|
Click Here View ADC14DS080 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ADC12DS065 | Dual 12-Bit 65/80/95/105 MSPS A/D Converter with Serial LVDS outputs | National Semiconductor |
| ADC14V155 | 14-Bit 155 MSPS 1.1 GHz Bandwidth A/D Converter with | National Semiconductor |
| AD9228 | Quad 12-bit 40/65 MSPS Serial LVDS 1.8 V A/D Converter | Analog Devices |
| ADC12C170 | 12-Bit 170 MSPS 1.1 GHz Bandwidth A/D Converter with CMOS outputs | National Semiconductor |
| ADC14C065 | 14-Bit 65/80/95/105 MSPS A/D Converter | National Semiconductor |
| AD9640 | 14-Bit 80/105/125/150 MSPS 1.8 V Dual Analog-to-Digital Converter | Analog Devices |
| ADSD1420S | Dual 14-Bit 20MSPS Sampling A/D Converter | Delta Electronics, Inc. |
| AD15452 | 12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning | Analog Devices |
| DAC8802 | Dual Serial Input 14-Bit Multiplying Digital-to-Analog Converter | Texas Instruments |
| ADS5547_07 | 14-BIT 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS | Texas Instruments |
Link URL |
|
|
Related keyword |
| ADC14DS080 Datasheet | ADC14DS080 Cross Reference | ADC14DS080 Schematic | ADC14DS080 Distributor | ADC14DS080 Datenblatt | ADC14DS080 RoHS |
| ADC14DS080 Equivalent | ADC14DS080 Application Notes | ADC14DS080 Data Sheet | ADC14DS080 component | ADC14DS080 Fiche Technique | ADC14DS080 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |