|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L4949 - AC-DC Offline Switching Controllers/Regulators - ON Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAW56TT1 | Dual Switching Diode | 1 2 3 4 | ON Semiconductor |
| SH1605 | 5A Efficient Switching Regulator | 1 2 3 4 | Fairchild Semiconductor |
| 2SK2459N | Switching 200V 5A | 1 2 3 4 | Rohm |
| BU806 | MEDIUM VOLTAGE NPN FAST SWITCHING DARLINGTON TRANSISTORS | 1 2 3 4 | STMicroelectronics |
| MCH3414 | General-Purpose Switching Device Applications | 1 2 3 4 | Sanyo Semicon Device |
| BCM5632 | 12 GIGABIT + 1 10-GIGABIT SWITCHING PROCESSOR | 1 2 | Broadcom Corporation. |
| HVD147 | Silicon Epitaxial Trench Pin Diode for Antenna Switching | 1 2 3 4 5 | Renesas Technology Corp |
| 2N5555_01 | JFET Switching N-Channel - Depletion | 1 2 3 4 5 More | ON Semiconductor |
| BAS16LT1_06 | Switching Diode | 1 2 3 4 | ON Semiconductor |
| DAN222_06 | Common Cathode Silicon Dual Switching Diode | 1 2 3 4 | ON Semiconductor |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|