|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FZT755 - SOT223 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FZT704 | SOT223 PNP SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR | 1 2 | Zetex Semiconductors |
| FXT555 | PNP SILICON PLANAR MEDIUM POWER TRANSISTOR | 1 | Zetex Semiconductors |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| ZXTP2039F | SOT23 80 volt PNP silicon planar medium power transistor | 1 2 3 4 5 | Zetex Semiconductors |
| ZX5T953G | 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 | 1 2 3 4 5 More | Zetex Semiconductors |
| 2N6193 | PNP MEDIUM POWER SILICON TRANSISTOR | 1 2 | Microsemi Corporation |
| FZT604 | SOT223 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS | 1 2 3 | Zetex Semiconductors |
| 2N5195_00 | MEDIUM POWER PNP SILICON TRANSISTOR | 1 2 3 4 5 | STMicroelectronics |
| FZT717 | SOT223 PNP medium power transistor | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXTP2014G | 140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 |
Link URL |
|
|