|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZSR_06 - 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZR78L_06 | 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
| ZSAT500 | 5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
| ZSAT600 | 6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
| AN78XX | 3-pin positive output voltage regulator 1 A type | 1 2 3 4 5 More | Panasonic Semiconductor |
| KA78XXE_06 | 3-Terminal 1A Positive Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| ZLDO285 | 2.85 VOLT ULTRA LOW DROPOUT REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
| LT1038 | 10Amp Positive Adjustable Voltage Regulator | 1 2 3 4 5 More | Linear Technology |
| MC78L05AB | 3-Terminal 0.1A 5V Positive Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| MC78XX | 3-Terminal 1A Positive Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM78XX_05 | 3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | Unisonic Technologies |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 |
Link URL |
|
|