|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PCK2002 - 0-300 MHz I2C 1:18 clock buffer - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PCK2002M | 0-300 MHz I2C 1:10 clock buffer | 1 2 3 4 5 More | NXP Semiconductors |
| PCK2001 | 14.318-150 MHz I2C 1:18 Clock Buffer | 1 2 3 4 5 More | NXP Semiconductors |
| PCK2001M | 14.318-150 MHz I2C 1:10 Clock Buffer | 1 2 3 4 5 More | NXP Semiconductors |
| PCK2001R | 14.318 . 133 MHz I2C 1:6 clock buffer | 1 2 3 4 5 More | NXP Semiconductors |
| LMV112 | 40 MHz Dual Clock Buffer | 1 2 3 4 5 More | National Semiconductor |
| ICS9178-03 | 245 MHz Clock Generator and Integrated Buffer for PowerPC | 1 2 3 4 5 More | Integrated Circuit Systems |
| CY29940 | 2.5V or 3.3V 200-MHz 1:18 Clock Distribution Buffer | 1 2 3 4 5 More | Cypress Semiconductor |
| PCK2002P | 140 MHz PCI-X clock buffer | 1 2 3 4 5 More | NXP Semiconductors |
| CMA8864-04 | I2C Mixed Voltage clock Synthesizer with Buffer for PENTIUMTM & II CPU/PCI system | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| PCK2057 | 70 - 190 MHz I2C differential 1:10 clock driver | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|