Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      PCK2001D(1)    PCK2001M(2)    PCK2001R(2)

Featured Products and Offers


Datasheet

    PCK2001M - 14.318-150 MHz I2C 1:10 Clock Buffer - NXP Semiconductors

Page

 
Part No. PCK2001M
Description  14.318-150 MHz I2C 1:10 Clock Buffer
Download  PCK2001M Click to view
File Size   79.22 Kbytes / 13 Pages
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
PCK200114.318-150 MHz I2C 1:18 Clock Buffer 1 2 3 4 5 MoreNXP Semiconductors
PCK2002M0-300 MHz I2C 1:10 clock buffer 1 2 3 4 5 MoreNXP Semiconductors
PCK205770 - 190 MHz I2C differential 1:10 clock driver 1 2 3 4 5 MoreNXP Semiconductors
PCK2001R14.318 . 133 MHz I2C 1:6 clock buffer 1 2 3 4 5 MoreNXP Semiconductors
PCK20020-300 MHz I2C 1:18 clock buffer 1 2 3 4 5 MoreNXP Semiconductors
MC100ES6220Low Voltage Dual 1:10 Differential ECL/PECL Clock Fanout Buffer 1 2 3 4 5 MoreFreescale Semiconductor, Inc
CY299462.5V or 3.3V 200-MHz 1:10 Clock Distribution Buffer 1 2 3 4 5 MoreCypress Semiconductor
PCKV857A100-250 MHz differential 1:10 clock driver 1 2 3 4 5 MoreNXP Semiconductors
B99463.3V 160-MHz 1:10 Clock Distribution Buffer 1 2 3 4 5 Cypress Semiconductor
MPC96081:10 LVCMOS Zero Delay Clock Buffer 1 2 3 4 5 MoreMotorola, Inc

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13


Link URL

Related keyword

  PCK2001M Datasheet   PCK2001M Cross Reference   PCK2001M Schematic   PCK2001M Distributor   PCK2001M Datenblatt   PCK2001M RoHS
  PCK2001M Equivalent   PCK2001M Application Notes   PCK2001M Data Sheet   PCK2001M component   PCK2001M Fiche Technique   PCK2001M Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl