|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZXMP6A13G - 60V P-CHANNEL ENHANCEMENT MODE MOSFET - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXMP6A17DN8 | DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A16DN8 | DUAL P-CHANNEL 60V ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A18K | 60V P-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A13F | 60V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A13F_07 | 60V P-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP6A16K | 60V DPAK P-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN6A25K | 60V DPAK N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN6A11DN8_06 | 60V SO8 Dual N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMP2120FF | 200V SOT23F P-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN6A11G_06 | 60V SOT223 N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|