|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
ZXMN10A11GTC - 100V N-CHANNEL ENHANCEMENT MODE MOSFET - Zetex Semiconductors |
|
Click ZXMN10A11GTC to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| ZXMN10A08G | 100V SOT223 N-channel enhancement mode MOSFET | Zetex Semiconductors |
| ZXMN10A07Z_04 | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | Zetex Semiconductors |
| ZXMN10A08E6_05 | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | Zetex Semiconductors |
| ZXMN10A25K | 100V DPAK N-channel enhancement mode MOSFET | Zetex Semiconductors |
| ZXMN2A02X8_05 | 20V N-CHANNEL ENHANCEMENT MODE MOSFET | Zetex Semiconductors |
| ZXMN6A09K_07 | 60V N-channel enhancement mode MOSFET in DPAK | Zetex Semiconductors |
| ZXMN7A11K | 70V N-channel enhancement mode MOSFET | Zetex Semiconductors |
| ZXMN2A03E6_05 | 20V N-CHANNEL ENHANCEMENT MODE MOSFET | Zetex Semiconductors |
| ZXMN6A11DN8_06 | 60V SO8 Dual N-channel enhancement mode MOSFET | Zetex Semiconductors |
| PJP75N06 | 60V N-Channel Enhancement Mode MOSFET | Pan Jit International Inc. |
Link URL |
|
|
Related keyword |
| ZXMN10A11GTC Datasheet | ZXMN10A11GTC Cross Reference | ZXMN10A11GTC Schematic | ZXMN10A11GTC Distributor | ZXMN10A11GTC Datenblatt | ZXMN10A11GTC RoHS |
| ZXMN10A11GTC Equivalent | ZXMN10A11GTC Application Notes | ZXMN10A11GTC Data Sheet | ZXMN10A11GTC component | ZXMN10A11GTC Fiche Technique | ZXMN10A11GTC Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |