|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZXMN10A11GTA - 100V N-CHANNEL ENHANCEMENT MODE MOSFET - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZXMN10A08G | 100V SOT223 N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A07Z_04 | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A08E6_05 | 100V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN10A25K | 100V DPAK N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN2A02X8_05 | 20V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN6A09K_07 | 60V N-channel enhancement mode MOSFET in DPAK | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN7A11K | 70V N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN2A03E6_05 | 20V N-CHANNEL ENHANCEMENT MODE MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXMN6A11DN8_06 | 60V SO8 Dual N-channel enhancement mode MOSFET | 1 2 3 4 5 More | Zetex Semiconductors |
| PJP75N06 | 60V N-Channel Enhancement Mode MOSFET | 1 2 3 4 | Pan Jit International Inc. |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|