|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3001 - 1 Watt - 28 Volts, Class C Microwave 3000 MHz - GHz Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2302 | 2.0 Watt - 20 Volts Class C Microwave 2300 MHz | 1 2 | GHz Technology |
| 2124-12L | 12 Watts 22 Volts Class C Microwave 2200 - 2400 MHz | 1 2 3 | GHz Technology |
| 2307 | 7.0 Watts - 20 Volts Class C Microwave 2300 MHz | 1 2 3 4 | GHz Technology |
| 1090MP | 90 Watts 50 Volts Class C Avionics 1025 - 1150 MHz | 1 2 | Advanced Power Technology |
| XD010-04S-D4F | 350-600 MHz Class AB 10W Power Amplifier Module | 1 2 3 4 5 | SIRENZA MICRODEVICES |
| PE42612 | SP4T UltraCMOS 2.6 V Switch 100 - 3000 MHz | 1 2 3 4 | Peregrine Semiconductor Corp. |
| SDM-08060 | 869-894 MHz Class AB 60W Power Amplifier Module | 1 2 3 | SIRENZA MICRODEVICES |
| SDM-09060-B1F | 925-960 MHz Class AB 65W Power Amplifier Module | 1 2 3 4 5 | SIRENZA MICRODEVICES |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | 1 2 3 4 5 | ON Semiconductor |
| SD1409 | RF & MICROWAVE TRANSISTORS 806-866MHz CLASS C MOBILE APPLICATIONS | 1 2 3 4 | Microsemi Corporation |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|