|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ZXTP2014G - 140V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 - Zetex Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ZX5T953G | 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 | 1 2 3 4 5 More | Zetex Semiconductors |
| ZXTP2013Z | 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | 1 2 3 4 5 More | Zetex Semiconductors |
| ZX5T953Z | 100V PNP LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | 1 2 3 4 5 More | Zetex Semiconductors |
| CP709 | Power Transistor PNP - Low Saturation Transistor Chip | 1 2 | Central Semiconductor Corp |
| ZX5T869Z | 25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 | 1 2 3 4 5 More | Zetex Semiconductors |
| UP1868 | LOW SATURATION VOLTAGE PNP POWER TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| BCP52-16 | LOW POWER PNP TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| STX790A_06 | Medium Current High Performance Low Voltage PNP Transistor | 1 2 3 4 5 More | STMicroelectronics |
| 2SB1188 | MEDIUM POWER LOW VOLTAGE TRANSISTOR | 1 2 3 4 | Unisonic Technologies |
| ZTX749 | PNP Low Saturation Transistor | 1 2 3 | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|