Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C2V4W Datasheet (PDF) - Won-Top Electronics

BZX84C2V4W Datasheet PDF - Won-Top Electronics
Part # BZX84C2V4W
Download  BZX84C2V4W Download

File Size   59.82 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 200mW SURFACE MOUNT ZENER DIODE

BZX84C2V4W Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C2V4W Datasheet PDF - Won-Top Electronics

Part # BZX84C2V4W
Download  BZX84C2V4W Click to download

File Size   59.82 Kbytes
Page   5 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 200mW SURFACE MOUNT ZENER DIODE

BZX84C2V4W Datasheet (HTML) - Won-Top Electronics

BZX84C2V4W Datasheet HTML 1Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 2Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 3Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 4Page - Won-Top Electronics BZX84C2V4W Datasheet HTML 5Page - Won-Top Electronics

BZX84C2V4W Product details

Features
● Planar Die Construction
● 200mW Power Dissipation
● 2.4 – 51V Nominal Zener Voltage
● 5% Standard Vz Tolerance
● Designed for Surface Mount Application
● Plastic Material – UL Recognition Flammability Classification 94V-O




Similar Part No. - BZX84C2V4W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
BZX84C2V4W WEITRON-BZX84C2V4W Datasheet
680Kb / 3P
   Surface Mount Zener Diode
logo
Micro Commercial Compon...
BZX84C2V4W MCC-BZX84C2V4W Datasheet
243Kb / 5P
   Silicon 200 mWatt Zener Diodes
logo
Diodes Incorporated
BZX84C2V4W DIODES-BZX84C2V4W Datasheet
59Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS30066 Rev. 7 - 2
logo
Shenzhen Jin Yu Semicon...
BZX84C2V4W HTSEMI-BZX84C2V4W Datasheet
243Kb / 2P
   SILICON PLANAR ZENER DIODES
More results


Similar Description - BZX84C2V4W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com