|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BTA312B - 12 A Three-quadrant triacs high commutation - NXP Semiconductors |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BTA312 | 12 A Three-quadrant triacs high commutation high temperature | 1 2 3 4 5 More | NXP Semiconductors |
| BTA204X | Three quadrant triacs high commutation | 1 2 3 4 5 More | NXP Semiconductors |
| MKP1V120_06 | Sidac High Voltage Bidirectional Triggers 0.9 AMPERES RMS 120 − 240 VOLTS | 1 2 3 4 5 | ON Semiconductor |
| T1635H | Snubberless TM high temperature 16 A Triacs | 1 2 3 4 5 More | STMicroelectronics |
| ADA4862-3 | High Speed G = +2 Low Cost Triple Op Amp | 1 2 3 4 5 More | Analog Devices |
| MC100EP16VB | 3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain | 1 2 3 4 5 More | ON Semiconductor |
| NCP600 | High Performance Low-Power LDO Regulator with Enable | 1 2 3 4 5 More | ON Semiconductor |
| IS210 | Small Outline Photo DMOS-FET Relay with High Load Voltage Capabilities | 1 2 3 | ISOCOM COMPONENTS |
| NP0640SXT3G | Thyristor Surge Protectors High Voltage Bidirectional | 1 2 3 4 5 | ON Semiconductor |
| AD9889B | High Performance HDMI/DVI Transmitter | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|