|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HMC110G16 - 1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz - Hittite Microwave Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CMM-5-BD | 2.0-6.0 GHz GaAs MMIC Amplifier | 1 2 3 4 5 | Mimix Broadband |
| XM1004-BD | 20.0-38.0 GHz GaAs MMIC Balanced Mixer | 1 2 3 4 5 | Mimix Broadband |
| XQ1000-BD | 5.5-6.5 GHz GaAs MMIC Voltage Controlled Oscillator | 1 2 3 4 5 | Mimix Broadband |
| CFK2162-P3 | 1.8 to 2.0 GHz +34 dBm Power GaAs FET | 1 2 3 4 5 | Mimix Broadband |
| CMM-9 | 2.0-9.0 GHz GaAs MMIC Amplifier | 1 2 3 4 | Mimix Broadband |
| XM1005-BD | 37.0-46.0 GHz GaAs MMIC Balanced Image Reject Mixer | 1 2 3 4 5 More | Mimix Broadband |
| XQ1001-BD | 5.8-6.9 GHz GaAs MMIC Voltage Controlled Oscillator | 1 2 3 4 5 | Mimix Broadband |
| XU1004_06 | 32.0-45.0 GHz GaAs MMIC | 1 2 3 4 5 More | Mimix Broadband |
| CSW0118-BD_07 | 0.5-18 GHz GaAs pHEMT MMIC SPDT Switch | 1 2 3 4 | Mimix Broadband |
| XM1006-BD | 13.0-25.0 GHz GaAs MMIC Image Reject Mixer | 1 2 3 4 5 More | Mimix Broadband |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|