|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
M6001_1 - 9x14 mm FR-4, 5.0 or 3.3 Volt, HCMOS/TTL, TCXO and VCTCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| M7S_0611 | 9x14 mm 5.0 or 3.3 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| M3R_0612 | 9x14 mm 3.3 Volt HCMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| M3V_0611 | 9x14 mm 3.3 Volt HCMOS/TTL VCXO | 1 2 | MTRONPTI |
| M3H_0611 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| VCC4 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| M3L_07 | 3.2x5 mm 3.3 or 5.0 Volt HCMOS Clock Oscillator | 1 2 | MTRONPTI |
| K1526D_07 | 9x14 mm 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| M5R_0611 | 9x14 mm 3.3 Volt LVPECL/LVDS Clock Oscillator | 1 2 | MTRONPTI |
| K1601_07 | 14 pin DIP 5.0 Volt Sinewave TCXO | 1 2 3 | MTRONPTI |
| K1601T_07 | 14 DIP 5.0 Volt CMOS/TTL TCXO | 1 2 | MTRONPTI |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|