|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
M3A_0611 - 8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K1100BA_07 | 14 pin DIP 5.0 Volt Clock Oscillator | 1 2 | MTRONPTI |
| K3500G_07 | 8 pin DIP 3.3 Volt CMOS Clock Oscillator | 1 2 | MTRONPTI |
| K3100G_07 | 14 pin DIP 5.0 Volt Clock Oscillator | 1 2 | MTRONPTI |
| K500_07 | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K500F | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| K1524A_07 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| K1525C_07 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| K1601_07 | 14 pin DIP 5.0 Volt Sinewave TCXO | 1 2 3 | MTRONPTI |
| K1601TE_07 | 14 pin DIP 5.0 Volt CMOS/TTL TCVCXO | 1 2 | MTRONPTI |
| K1613_06 | 14 pin DIP 3.3 Volt Sinewave TCXO | 1 2 | MTRONPTI |
Datasheet Page |
1 |
Link URL |
|
|