|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
K1536BDMT - 9x11 mm, 5.0 or 3.3 Volt, CMOS/TTL, VCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K1524A_07 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| K1525C_07 | 14 pin DIP 5.0 Volt CMOS/TTL VCXO | 1 2 | MTRONPTI |
| VCC4 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| CMO5 | 5 x 7 mm 5.0 Volt CMOS/TTL Clock Oscillator | 1 2 3 | MTRONPTI |
| K500_07 | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K500F | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| K1523BA_07 | 14 DIP 5.0 Volt TTL/HCMOS VCXO | 1 2 | MTRONPTI |
| CS8481 | 3.3 V/250 mA 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE | 1 2 3 4 5 More | ON Semiconductor |
| GVXO-525 | 5.0 SM VCXO | 1 2 | Golledge Electronics Ltd |
| IDT72V3652 | 3.3 VOLT CMOS SyncBiFIFO | 1 2 3 4 5 More | Integrated Device Technology |
Datasheet Page |
1 2 |
Link URL |
|
|