|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
K1523BAM-R - 14 DIP, 5.0 Volt, TTL/HCMOS, VCXO - MTRONPTI |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| K500_07 | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| K500F | 8 pin DIP 5.0 Volt CMOS/TTL Clock Oscillator | 1 2 | MTRONPTI |
| K1100BA_07 | 14 pin DIP 5.0 Volt Clock Oscillator | 1 2 | MTRONPTI |
| VCC4 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| GVXO-525 | 5.0 SM VCXO | 1 2 | Golledge Electronics Ltd |
| CMO5 | 5 x 7 mm 5.0 Volt CMOS/TTL Clock Oscillator | 1 2 3 | MTRONPTI |
| MOC3010M_05 | 6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT 250/400 VOLT PEAK | 1 2 3 4 5 More | Fairchild Semiconductor |
| MOC3081M_05 | 6-PIN DIP ZERO-CROSS OPTOISOLATORS TRIAC DRIVER OUTPUT 800 VOLT PEAK | 1 2 3 4 5 More | Fairchild Semiconductor |
| CS8221 | Micropower 5.0 V 100 mA Low Dropout Linear Regulator | 1 2 3 4 5 More | ON Semiconductor |
| MJF122 | COMPLEMENTARY SILICON POWER DARLINGTONS 5.0 A 100 V 30 W | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 2 |
Link URL |
|
|