Datasheet Search System

Mirror site :  alldatasheet.net,   alldatasheet.co.kr   cn.alldatasheet.com
Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information
Part Name    
    Description 

Shortcut

        A7623L-S08-R(1)    A7623L-S08-T(1)

Datasheet

    A7623L-S08-R - 2¡¿75§Ù DRIVER IC WITH 3 INTERNAL CIRCUITS - Unisonic Technologies

Click Here View A7623L-S08-R Datasheet

Part No.A7623L-S08-R
Description 2¡¿75§Ù DRIVER IC WITH 3 INTERNAL CIRCUITS
Download A7623L-S08-R Click here to View
File Size 125.79 Kbytes / 6 Pages
Maker UTC [Unisonic Technologies]
Homepage http://www.utc-ic.com/

Related Electronics Part Number

Part NumberComponents DescriptionManufacturer
ZXLD1100ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6 Zetex Semiconductors
ZXLD13601A LED driver with internal switch Zetex Semiconductors
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination ON Semiconductor
HD66520160-Channel 4-Level Grayscale Display Column Driver with Internal Bit-Map RAM Hitachi Semiconductor
ATR08414-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination ATMEL Corporation
CAT1163_07Supervisory Circuits with I2C Serial Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer Catalyst Semiconductor
SN74SSTE3288228-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver Texas Instruments
MAX2115-V MULTICHANNEL RS-232 LINE DRIVER / RECEIVER WITH +-15-KV ESD PROTECTION Texas Instruments
74VCXH16244Low Voltage 16-Bit Buffer/Line Driver with Bushold Fairchild Semiconductor
74ABT241Octal Buffer/Line Driver with 3-STATE Outputs Fairchild Semiconductor

Link URL

Related keyword

  A7623L-S08-R Datasheet   A7623L-S08-R Cross Reference   A7623L-S08-R Schematic   A7623L-S08-R Distributor   A7623L-S08-R Datenblatt   A7623L-S08-R RoHS
  A7623L-S08-R Equivalent   A7623L-S08-R Application Notes   A7623L-S08-R Data Sheet   A7623L-S08-R component   A7623L-S08-R Fiche Technique   A7623L-S08-R Circuit

Does ALLDATASHEET.COM help your business so far?   

All Rights Reserved© Alldatasheet.com 2003 - 2008   Contact us  Privacy Policy  Bookmark   Link Exchange  Site link  Manufacturer