![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
APA3010P3C - 3. 0mmx1.0mm RIGHT ANGLE PHOTOTRANSISTOR - Kingbright Corporation |
|
Click Here View APA3010P3C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| PL505 | 5mm LED Single Right Angle Holder | ETC |
| PL506 | 5mm LED Single Right Angle Holder | ETC |
| APBA3010ESGC | 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP | Kingbright Corporation |
| NTE30081 | Light Emitting Diode LED Right Angle Surface Mount | NTE Electronics |
| APA3010F3C | 3.0x1.0 mm RIGHT ANGLE INFRARED EMITING DIODE | Kingbright Corporation |
| ISP321-1X | HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS | ISOCOM COMPONENTS |
| SFH691AT | Optocoupler Phototransistor Output SOP-4 AC Input Mini-Flat Package | Vishay Siliconix |
| AP1608P1C | 1.6X0.8mm PHOTOTRANSISTOR | Kingbright Corporation |
| SLR-56 | phi5.0 T-1 3/4 Circular Type Standard Type | Rohm |
| ISP624-1X | LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS | ISOCOM COMPONENTS |
Link URL |
|
|
Related keyword |
| APA3010P3C Datasheet | APA3010P3C Cross Reference | APA3010P3C Schematic | APA3010P3C Distributor | APA3010P3C Datenblatt | APA3010P3C RoHS |
| APA3010P3C Equivalent | APA3010P3C Application Notes | APA3010P3C Data Sheet | APA3010P3C component | APA3010P3C Fiche Technique | APA3010P3C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |