![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
APA3010F3C - 3.0x1.0 mm RIGHT ANGLE INFRARED EMITING DIODE - Kingbright Corporation |
|
Click Here View APA3010F3C Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| NTE30081 | Light Emitting Diode LED Right Angle Surface Mount | NTE Electronics |
| CQY36N | GaAs Infrared Emitting Diode in Miniature T-3/4 Package | Vishay Siliconix |
| SE3470 | AlGaAs Infrared Emitting Diode | Honeywell Solid State Electronics Center |
| PL505 | 5mm LED Single Right Angle Holder | ETC |
| TSHF5410 | High Speed Infrared Emitting Diode in T-1 3/4 Package | Vishay Siliconix |
| PL506 | 5mm LED Single Right Angle Holder | ETC |
| TSFF5210 | High Speed Infrared Emitting Diode 870 nm GaAlAs Double Hetero | Vishay Siliconix |
| APBA3010ESGC | 3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP | Kingbright Corporation |
| TSAL5100 | High Power Infrared Emitting Diode 950 nm GaAlAs/GaAs | Vishay Siliconix |
| TSMF3700 | GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package | Vishay Siliconix |
Link URL |
|
|
Related keyword |
| APA3010F3C Datasheet | APA3010F3C Cross Reference | APA3010F3C Schematic | APA3010F3C Distributor | APA3010F3C Datenblatt | APA3010F3C RoHS |
| APA3010F3C Equivalent | APA3010F3C Application Notes | APA3010F3C Data Sheet | APA3010F3C component | APA3010F3C Fiche Technique | APA3010F3C Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |