|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MGFL48L1920 - 1.9-2.0GHz BAND 60W GaAs FET - Mitsubishi Electric Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MGFL48V1920 | 1.9-2.0GHz BAND 60W GaAs FET | 1 2 3 4 5 More | Mitsubishi Electric Semiconductor |
| MGFL45V1920 | 1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET | 1 2 3 | Mitsubishi Electric Semiconductor |
| MGFL45V1920A | 1.9-2.0GHz BAND 32W INTERNALLY MATCHD GaAs FET | 1 | Mitsubishi Electric Semiconductor |
| MGFS48B2122 | 2.11 - 2.17 GHz BAND 60W GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFS48V2527 | 2.5 - 2.7GHz BAND 60W GaAs FET | 1 2 3 4 5 | Mitsubishi Electric Semiconductor |
| MGFC36V5258 | 5.2 - 5.8GHz BAND 4W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC40V4450A | 4.4 - 5.0GHz BAND 10W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC42V4450 | 4.4 - 5.0GHz BAND 16W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFC45V6472A | 6.4-7.2GHz BAND 32W INTERNALLY MATCHED GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
| MGFS45V2325 | 2.3 - 2.5GHz BAND 30W INTERNALLY MATCHD GaAs FET | 1 2 | Mitsubishi Electric Semiconductor |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|