Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      DS10BR150TSD(2)

Featured Products and Offers


Datasheet

    DS10BR150TSD - 1.0 Gbps LVDS Buffer / Repeater - National Semiconductor

Page

Part No. DS10BR150TSD
Description  1.0 Gbps LVDS Buffer / Repeater
Download  DS10BR150TSD Click to view
File Size   392.77 Kbytes / 12 Pages
Maker  NSC [National Semiconductor]
Homepage  http://www.national.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SY89200UUltra-Precision 1:8 LVDS Fanout Buffer with Three ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
SY89218UPrecision 1:15 LVDS Fanout Buffer with 2:1 MUX and Four ÷1/÷2/÷4 Clock Divider Output Banks 1 2 3 4 5 MoreMicrel Semiconductor
AD81593.2 Gbps Quad Buffer Mux/Demux 1 2 3 4 5 MoreAnalog Devices
SY89537L3.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer 1 2 3 4 5 MoreMicrel Semiconductor
SY89538L_063.3V Precision LVPECL and LVDS Programmable Multiple Output Bank Clock Synthesizer and Fanout Buffer with Zero Delay 1 2 3 4 5 MoreMicrel Semiconductor
NB6L11S_062.5 V 1:2 AnyLevel TM Input to LVDS Fanout Buffer / Translator 1 2 3 4 5 MoreON Semiconductor
NB6N11S_063.3 V 1:2 AnyLevel TM Input to LVDS Fanout Buffer /Translator 1 2 3 4 5 MoreON Semiconductor
SY89838UPrecision 1:8 LVDS Clock Fanout Buffer with 2:1 Runt Pulse Eliminator Input MUX 1 2 3 4 5 MoreMicrel Semiconductor
SY58605U3.2Gbps Precision LVDS Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
DS15BA1011.5 Gbps Differential Buffer with Adjustable Output Voltage Coming SoonNational Semiconductor

Link URL

Related keyword

  DS10BR150TSD Datasheet   DS10BR150TSD Cross Reference   DS10BR150TSD Schematic   DS10BR150TSD Distributor   DS10BR150TSD Datenblatt   DS10BR150TSD RoHS
  DS10BR150TSD Equivalent   DS10BR150TSD Application Notes   DS10BR150TSD Data Sheet   DS10BR150TSD component   DS10BR150TSD Fiche Technique   DS10BR150TSD Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl