![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
FDS4770 - 40V N-Channel PowerTrenchÒ MOSFET - Fairchild Semiconductor |
|
Click Here View FDS4770 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FDD8445_07 | N-Channel PowerTrench¢ç MOSFET 40V 50A 8.7m¥Ø | Fairchild Semiconductor |
| STB200NF04L | N-CHANNEL 40V - 3 m ohm - 120 A TO-220/D2PAK/I2PAK STripFET II MOSFET | STMicroelectronics |
| FDS4070N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4070N7_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDS4072N3_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| FDD8447L | N-Channel PowerTrench MOSFET 40V 54A 8.5mOhm | Fairchild Semiconductor |
| FDS4072N7_04 | 40V N-Channel PowerTrench MOSFET | Fairchild Semiconductor |
| STD95N4F3 | N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET | STMicroelectronics |
| FDS4080N3_04 | 40V N-Channel FLMP PowerTrench MOSFET | Fairchild Semiconductor |
| STB270N4F3 | N-channel 40V - 2.1m ohm - 160A - TO-220 - D2PAK - I2PAK STripFE TM Power MOSFET | STMicroelectronics |
Link URL |
|
|
Related keyword |
| FDS4770 Datasheet | FDS4770 Cross Reference | FDS4770 Schematic | FDS4770 Distributor | FDS4770 Datenblatt | FDS4770 RoHS |
| FDS4770 Equivalent | FDS4770 Application Notes | FDS4770 Data Sheet | FDS4770 component | FDS4770 Fiche Technique | FDS4770 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |